Part Number Hot Search : 
KA3843AM IRDC3894 ST7L05 PQ100 DS0475 E13003 PC11C 2SD1616U
Product Description
Full Text Search
 

To Download MSRD620CTT4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSRD620CT SWITCHMODEt Soft Ultrafast Recovery Power Rectifier
Plastic DPAK Package
State-of-the-art geometry features epitaxial construction with glass passivation and metal overlay contact. Ideally suited for low voltage, high frequency switching power supplies, free wheeling diode and polarity protection diodes.
Features http://onsemi.com
SOFT ULTRAFAST RECTIFIER 6.0 AMPERES, 200 VOLTS
* * * * * *
Pb-Free Packages are Available Soft Ultrafast Recovery (35 ns typ) Highly Stable Oxide Passivated Junction Matched Dual Die Construction - May Be Paralleled for High Current Output Short Heat Sink Tab Manufactured - Not Sheared Epoxy Meets UL 94 V-O @ 0.125 in.
1 2 3
Mechanical Characteristics
MARKING DIAGRAM
4 12 3 Y WW = Year = Work Week DPAK CASE 369C YWW S 620T
* Case: Epoxy, Molded * Weight: 0.4 Grams (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * * *
Leads are Readily Solderable Lead and Mounting Surface Temperature for Soldering Purposes: 260C Max. for 10 Seconds Shipped in 75 Units Per Plastic Tube Available in 16 mm Tape and Reel, 2500 Units Per Reel, Add "T4'' to Suffix Part Number
ORDERING INFORMATION
Device MSRD620CT MSRD620CTG MSRD620CTT4 MSRD620CTT4G Package DPAK DPAK (Pb-Free) DPAK DPAK (Pb-Free) Shipping 75 Units/Rail 75 Units/Rail 2500/Tape & Reel 2500/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2004
1
August, 2004 - Rev. 3
Publication Order Number: MSRD620CT/D
MSRD620CT
MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (At Rated VR, TC = 137C) Peak Repetitive Forward Current (At Rated VR, Square Wave, 20 kHz, TC = 138C) Per Leg Per Package IFRM Per Leg IFSM Tstg, Tc 50 -55 to +175 A C Symbol VRRM VRWM VR IO 3.0 6.0 6.0 A Value 200 Unit V
A
Non-Repetitive Peak Surge Current Per Package (Surge Applied at Rated Load Conditions, Halfwave, Single Phase, 60 Hz) Storage / Operating Case Temperature
Operating Junction Temperature TJ -55 to +175 C Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating Thermal Resistance - Junction-to-Case Thermal Resistance - Junction-to-Ambient Per Leg Per Leg Symbol RqJC RqJA Value 9.0 80 Unit C/W C/W
ELECTRICAL CHARACTERISTICS
Rating Maximum Instantaneous Forward Voltage (Note 1) (See Figure 2) Per Leg (IF = 3.0 A) (IF = 6.0 A) Maximum Instantaneous Reverse Current (See Figure 4) Per Leg (VR = 200 V) (VR = 100 V) Maximum Reverse Recovery Time (Note 2) Per Leg (VR = 30 V, IF = 1.0 A, di/dt = 50 A/ms) (VR = 30 V, IF = 3.0 A, di/dt = 50 A/ms) Maximum Peak Reverse Recovery Current Per Leg (VR = 30 V, IF = 1.0 A, di/dt = 50 A/ms) (VR = 30 V, IF = 3.0 A, di/dt = 50 A/ms) 1. Pulse Test: Pulse Width 250 ms, Duty Cycle 2%. 2. trr measured projecting from 25% of IRM to ground. IRM 2.0 3.0 trr 45 55 A IR Symbol VF Value TJ = 25C 1.15 1.35 TJ = 25C 5.0 2.0 TJ = 150C 1.05 1.30 TJ = 150C 200 100 ns mA Unit V
http://onsemi.com
2
MSRD620CT
IF, INSTANTANEOUS FORWARD CURRENT (AMPS) 100 IF, INSTANTANEOUS FORWARD CURRENT (AMPS) 100
10 TJ = 175C 150C 1.0 100C 25C 0.1 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
TJ = 175C 1.0 25C 0.1 0.4 0.6 0.8 1.0
150C
1.2
1.4
1.6
1.8
2.0
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage, Per Leg
Figure 2. Maximum Forward Voltage, Per Leg
100E-6 TJ = 175C IR , REVERSE CURRENT (AMPS) 10E-6 150C 1E-6 25C IR , MAXIMUM REVERSE CURRENT (AMPS)
1E-3 TJ = 175C 150C 10E-6 25C
100E-6
100E-9
1E-6
10E-9 1E-9 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE VOLTAGE (VOLTS)
100E-9 10E-9 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current, Per Leg
Figure 4. Maximum Reverse Current, Per Leg
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 100 110 120 130 SQUARE WAVE SINE WAVE
dc
RATED VOLTAGE APPLIED FREQUENCY = 20 kHz RqJC = 9C/W TJ = 175C
IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
5.0
2.5 RATED VOLTAGE APPLIED FREQUENCY = 20 kHz RqJA = 80C/W TJ = 175C SQUARE WAVE
2.0
dc
1.5 SINE WAVE 1.0
0.5 0 25 45 65 85 105 125 145 165 185 TA, AMBIENT TEMPERATURE (C)
140
150
160
170
180
TC, CASE TEMPERATURE (C)
Figure 5. Current Derating, Case (Per Leg)
Figure 6. Current Derating, Ambient (Per Leg)
http://onsemi.com
3
MSRD620CT
100 TJ = 25C C, CAPACITANCE (pF)
10
1.0 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Capacitance (Per Leg)
R(t) EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZE
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04 0.00001 0.0001 0.001 0.01 0.1 t, TIME (s) 1.0 10 100 1000 10000
Figure 8. Transient Thermal Response (RqJA)
1.0E+00 R(t) EFFECTIVE TRANSIENT THERMAL RESISTANCE (NORMALIZED)
1.0E-01
1.0E-02 0.00001 0.0001 0.001 0.01 t, TIME (s) 0.1 1.0 10 100
Figure 9. Transient Thermal Response (RqJC)
http://onsemi.com
4
MSRD620CT
PACKAGE DIMENSIONS
DPAK CASE 369C ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.235 0.245 0.250 0.265 0.086 0.094 0.027 0.035 0.018 0.023 0.037 0.045 0.180 BSC 0.034 0.040 0.018 0.023 0.102 0.114 0.090 BSC 0.180 0.215 0.025 0.040 0.020 --- 0.035 0.050 0.155 --- MILLIMETERS MIN MAX 5.97 6.22 6.35 6.73 2.19 2.38 0.69 0.88 0.46 0.58 0.94 1.14 4.58 BSC 0.87 1.01 0.46 0.58 2.60 2.89 2.29 BSC 4.57 5.45 0.63 1.01 0.51 --- 0.89 1.27 3.93 ---
-T- B V R
4
SEATING PLANE
C E
A S
1 2 3
Z U
K F L D G
2 PL
J H 0.13 (0.005) T
DIM A B C D E F G H J K L R S U V Z
M
SOLDERING FOOTPRINT*
6.20 0.244 2.58 0.101 5.80 0.228 1.6 0.063 6.172 0.243 3.0 0.118
SCALE 3:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
5
MSRD620CT
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
6
MSRD620CT/D


▲Up To Search▲   

 
Price & Availability of MSRD620CTT4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X